Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STMPE811 Datasheet HTML 2Page - STMicroelectronics STMPE811 Datasheet HTML 3Page - STMicroelectronics STMPE811 Datasheet HTML 4Page - STMicroelectronics STMPE811 Datasheet HTML 5Page - STMicroelectronics STMPE811 Datasheet HTML 6Page - STMicroelectronics STMPE811 Datasheet HTML 7Page - STMicroelectronics STMPE811 Datasheet HTML 8Page - STMicroelectronics STMPE811 Datasheet HTML 9Page - STMicroelectronics STMPE811 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Pin configuration and functions
STMPE811
6/54
2.1
Pin functions
The STMPE811 is designed to provide maximum features and flexibility in a very small pin-
count package. Most of the pins are multi-functional. The following table shows how to
select the pin’s function.
Table 3.
Pin configuration
Pin
GPIO alternate function register
01
ADC control 1 bit 1 (RefSel)
01
IN0
GPIO-0
ADC
IN1
GPIO-1
ADC
IN2
GPIO-2
ADC
External reference +
IN3
GPIO-3
ADC
External reference -
TSC control 1 bit 0 (EN)
01
X+
GPIO-4
ADC
TSC X+
Y+
GPIO-5
ADC
TSC Y+
X-
GPIO-6
ADC
TSC X-
Y-
GPIO-7
ADC
TSC Y-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54