| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 54 page ![]() STMPE811 Interrupt system 21/54 8 Interrupt system The STMPE811 uses a 2-tier interrupt structure. The ADC interrupts and GPIO interrupts are ganged as a single bit in the “interrupt status register”. The interrupts from the touchscreen controller and temperature sensor can be seen directly in the interrupt status register. Figure 8. Interrupt system diagram GPIO interrupt status FIFO status, TSC touch, Temp sensor AND Interrupt enable Interrupt status AND GPIO interrupt enable AND ADC interrupt enable ADC interrupt status |