| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 54 page ![]() System and identification registers STMPE811 20/54 SPI_CFG SPI interface configuration Address: 0x08 Type: R/W Reset: 0x01 Description: SPI interface configuration register 7654 3 2 1 0 RESERVED AUTO_INCR SPI_CLK_MOD1 SPI_CLK_MOD0 [7:3] RESERVED [2] AUTO_INCR: Bitfield description This bit defines whether the SPI transaction follows an addressing scheme that internally autoincrements or not [1] SPI_CLK_MOD1: Bitfield description This bit reflects the value of the SCAD/A0 pin during power-up reset [0] SPI_CLK_MOD0: Bitfield description This bit reflects the value of the SCAD/A0 pin during power-up reset |