| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 54 page ![]() Interrupt system STMPE811 22/54 INT_CTRL Interrupt control register Address: 0x09 Type: R/W Reset: 0x00 Description: The interrupt control register is used to enable the interruption from a system-related interrupt source to the host. 7654 3 2 1 0 RESERVED INT_POLARITY INT_TYPE GLOBAL_INT [7:3] RESERVED [2] INT_POLARITY: This bit sets the INT pin polarity 1: Active high/rising edge 0: Active low/falling edge [1] INT_TYPE: This bit sets the type of interrupt signal required by the host 1: Edge interrupt 0: Level interrupt [0] GLOBAL_INT: This is master enable for the interrupt system 1: Global interrupt 0: Stops all interrupts |