Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1502 Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 54Page - STMicroelectronics STLC1502 Datasheet HTML 55Page - STMicroelectronics STLC1502 Datasheet HTML 56Page - STMicroelectronics STLC1502 Datasheet HTML 57Page - STMicroelectronics STLC1502 Datasheet HTML 58Page - STMicroelectronics STLC1502 Datasheet HTML 59Page - STMicroelectronics STLC1502 Datasheet HTML 60Page - STMicroelectronics STLC1502 Datasheet HTML 61Page - STMicroelectronics STLC1502 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 81 page
background image
STLC1502
58/81
8.0 Register Map
Following is the complete list and the description of every peripheral register of the Stradivarius
Address
Register Name
R/W
Notes
DPORT_regBase+ 0x0
D950_MAILBOX
R
It contains the pend-
ing
interrupt
requests that notify
to the ARM has a
message
coming
from the D950 to
read. There is an
interrupt
line
for
each message class
DPORT_regBase+ 0x4
D950_MAILBOX_MASK
R/W
It contains the mask
for
the
D950_MAILBOX
DPORT_regBase+ 0x8
ARM_MAILBOX
R
It contains the pend-
ing
interrupt
requests that notify
to the D950 has a
message
coming
from
the
ARM
to
read. There is an
interrupt
line
for
each message class
DPORT_regBase+
0xC
ARM_MAILBOX_MASK
R
It contains the mask
for
the
ARM_MAILBOX
Address
Register Name
R/W
Note
0x0C000000
Timer1Load
R/W
TImer block register
0x0C000004
Timer1Value
R
TImer block register
0x0C000008
Timer1Control
R/W
TImer block register
0x0C00000C
Timer1Clear
W
TImer block register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81