Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1502 Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 62Page - STMicroelectronics STLC1502 Datasheet HTML 63Page - STMicroelectronics STLC1502 Datasheet HTML 64Page - STMicroelectronics STLC1502 Datasheet HTML 65Page - STMicroelectronics STLC1502 Datasheet HTML 66Page - STMicroelectronics STLC1502 Datasheet HTML 67Page - STMicroelectronics STLC1502 Datasheet HTML 68Page - STMicroelectronics STLC1502 Datasheet HTML 69Page - STMicroelectronics STLC1502 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
STLC1502
66/81
The base address of control registers is 0xA800 in the X memory space
For a description of DPRAM protocol refer to the DPRAM section in the ARM domain.
DPCOMM
8000
BFFF
ARM_STATUS_0
A000
ARM_STATUS_1
A001
ARM_STATUS_2
A002
ARM_STATUS_3
A003
D950_STATUS_15
A01F
ARM_STATUS_15
A00F
D950_STATUS_0
A010
D950_STATUS_1
A011
D950_STATUS_2
A012
DPRAM
Reserved
8000
8FFF
(4096x16)
Reserved
CONTROL
A800
A803
REGISTERS
Reserved
BFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81