Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1502 Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 60Page - STMicroelectronics STLC1502 Datasheet HTML 61Page - STMicroelectronics STLC1502 Datasheet HTML 62Page - STMicroelectronics STLC1502 Datasheet HTML 63Page - STMicroelectronics STLC1502 Datasheet HTML 64Page - STMicroelectronics STLC1502 Datasheet HTML 65Page - STMicroelectronics STLC1502 Datasheet HTML 66Page - STMicroelectronics STLC1502 Datasheet HTML 67Page - STMicroelectronics STLC1502 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
STLC1502
64/81
9.0 D950 Domain
The D950 domain consists of a D950 core, I RAM, I ROM, X RAM, Y RAM, Timer, Emulator, Interrupt controller
and TAP, PCM interface peripherals.
9.0 D950 memory map
The following table provides the memory map of D950 on X, Y, I buses.
Mapping of D950 Y memory space (1 Word = 16 bit)
Address
Area name
Area size
0x0000
---------
0x000F
DSP registers
16 Words
0x0010
-------
0x001F
EMU
16 Words
0x0020
-------
0x002F
ITC
16 Words
0x0030
-------
0x005F
Reserved DSP
0x0060
-------
0x006F
TIM
16 Words
0x0070
-------
0xFFFF
RAM Y
64 KWords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81