Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1502 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 39Page - STMicroelectronics STLC1502 Datasheet HTML 40Page - STMicroelectronics STLC1502 Datasheet HTML 41Page - STMicroelectronics STLC1502 Datasheet HTML 42Page - STMicroelectronics STLC1502 Datasheet HTML 43Page - STMicroelectronics STLC1502 Datasheet HTML 44Page - STMicroelectronics STLC1502 Datasheet HTML 45Page - STMicroelectronics STLC1502 Datasheet HTML 46Page - STMicroelectronics STLC1502 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
43/81
STLC1502
7.5.4 Collision management
Collision is defined as a write of the DR register while the internal serial clock (SCK) is in the process of
transfer. The WCOL bit in the SR register is set if a write collision occurs. No SPI interrupt is generated
when the WCOL bit is set (the WCOL bit is a status flag only). Clearing the WCOL bit is done through a
software sequence:
1-Read SR
2-Read DR
7.5.5 SPI register map [0x0C280000]
The base address of the Remap & Pause register is 0x0C280000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81