Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1502 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 23Page - STMicroelectronics STLC1502 Datasheet HTML 24Page - STMicroelectronics STLC1502 Datasheet HTML 25Page - STMicroelectronics STLC1502 Datasheet HTML 26Page - STMicroelectronics STLC1502 Datasheet HTML 27Page - STMicroelectronics STLC1502 Datasheet HTML 28Page - STMicroelectronics STLC1502 Datasheet HTML 29Page - STMicroelectronics STLC1502 Datasheet HTML 30Page - STMicroelectronics STLC1502 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
27/81
STLC1502
Eth_base1+ 0x0078
TXV_DMA_NXT
TX Voice DMA Next Descriptor Address
Register
Eth_base1+0x007C-
Eth_base1+ 0x00FC
Reserved
Eth_base1+ 0x0100
RX_FIFO_0
RX FIFO 32 bit word #0
....
...
...
Eth_base1+ 0x013C
RX_FIFO_15
RX FIFO 32 bit word #15
Eth_base1+ 0x0180-
Eth_base1+ 0x01FC
Reserved
Eth_base1+ 0x0200
TX_FIFO_0
TX FIFO 32 bit word #0
....
...
...
Eth_base1+ 0x023C
TX_FIFO_15
TX FIFO 32 bit word #15
Eth_base1+ 0x0280-
Eth_base1+ 0x03FF
Reserved
Eth_base+ 0x0400-
Eth_base+ 0x07FF
MAC110
DMA_MAC2 Eth_base2 = 0x0C680800
Eth_base2+ 0x000
DMA_ST&CNTL
DMA Status and Control Register
Eth_base2+0x0004
DMA_INT_EN
DMA Interrupt Sources Enable Register
Eth_base2+0x8008
DMA_INT_STAT
DMA Interrupt Status Register
Eth_base2+0x000C
Reserved
Eth_base2+ 0x0010
RX_DMA_START
RX DMA start Register
Eth_base2+ 0x0014
RXD_DMA_CNTL
RX Data DMA Control Register
Eth_base2+ 0x0018
RXD_DMA_ADDR
RX Data DMA Base Address Register
Eth_base2+ 0x001C
RXD_DMA_NXT
RX Data DMA Next Descriptor Address
Register
Eth_base2+ 0x0020
RX_DMA_CADDR
RX DMA Current Address Register
Address
Register Name
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81