Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1502 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 29Page - STMicroelectronics STLC1502 Datasheet HTML 30Page - STMicroelectronics STLC1502 Datasheet HTML 31Page - STMicroelectronics STLC1502 Datasheet HTML 32Page - STMicroelectronics STLC1502 Datasheet HTML 33Page - STMicroelectronics STLC1502 Datasheet HTML 34Page - STMicroelectronics STLC1502 Datasheet HTML 35Page - STMicroelectronics STLC1502 Datasheet HTML 36Page - STMicroelectronics STLC1502 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 81 page
background image
33/81
STLC1502
Figure 10: Timer block diagram
The timer clock is generated by a prescale unit. The timer clock may be one of:
•
The CKTIMER
•
The CKTIMER divided by 16, generated by 4 bits of prescale
•
the CKTIMER divided by 256, generated by a total of 8 bits of prescale
Figure 11: Pre-scaler block diagram
Using the recommended 2.208Mhz clock, the minimum interval between two timer interrupt is 452nsec (corre-
sponding to the 2.208Mhz period) while the maximum interval between two timer interrupt is around 6sec.
7.1.3 Timer register map [0x0C000000]
The base address of the timer register is 0x0C000000
Terminal Count
Interrupt
Value
Load
Control
Timer
Clock
16-bit Down Counter
Load Register
Control Register
Divide
by 16
CKTIMER
Prescale
Select
Divide
by 16
Timer
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81