Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC1502 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STLC1502
Description  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 73Page - STMicroelectronics STLC1502 Datasheet HTML 74Page - STMicroelectronics STLC1502 Datasheet HTML 75Page - STMicroelectronics STLC1502 Datasheet HTML 76Page - STMicroelectronics STLC1502 Datasheet HTML 77Page - STMicroelectronics STLC1502 Datasheet HTML 78Page - STMicroelectronics STLC1502 Datasheet HTML 79Page - STMicroelectronics STLC1502 Datasheet HTML 80Page - STMicroelectronics STLC1502 Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 81 page
background image
77/81
STLC1502
MII Management Clock Timing
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
MII Receive Timing Specification
t1
RX-ER, RX-DV, RXD[3:0] Setup to RX-
CLK
10
—ns
t2
RX-ER, RX-DV, RXD[3:0] Hold After RX-
CLK
10
—
ns
t3
RX-CLK High Pulse Width (100 Mbits/s)
14
26
ns
RX-CLK High Pulse Width (10 Mbits/s)
200
ns
t4
RX-CLK Low Pulse Width (100 Mbits/s)
14
26
ns
RX-CLK Low Pulse Width (10 Mbits/s)
140
260
ns
t5
RX-CLK Period (100 Mbits/s)
40
ns
RX-CLK Period (10 Mbits/s)
400
ns
MDC
MDIO(O)
MDIO(I)
t1
t2
t3
t4
t5
t6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81