| Moteur de recherche de fiches techniques de composants électroniques |
|
M36DR232B Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M36DR232B Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 46 page ![]() 31/46 M36D232A, M36DR232B Table 29. Flash Program, Erase Times and Program, Erase Endurance Cycles (TA = –40 to 85°C; VDDF = 1.65V to 2.2V, VPPF =VDDF unless otherwise specified) Note: 1. Max values refer to the maximum time allowed by the internal algorithm before error bit is set. Worst case conditions program or erase should perform significantly better. 2. Excludes the time needed to execute the sequence for program instruction. Table 30. Flash Data Polling and Toggle Bits AC Characteristics (1) (TA = –40 to 85 °C; VDDF = 1.65V to 2.2V) Note: 1. All other timings are defined in Read AC Characteristics table. Parameter Min Max (1) Typ Typical after 100k W/E Cycles Unit Parameter Block (4 KWord) Erase (Preprogrammed) 2.5 0.15 0.4 s Main Block (32 KWord) Erase (Preprogrammed) 10 1 3 s Bank Erase (Preprogrammed, Bank A) 2 6 s Bank Erase (Preprogrammed, Bank B) 10 30 s Chip Program (2) 20 25 s Chip Program (DPG, VPP = 12V) (2) 10 s Word Program 200 10 10 µs Program/Erase Cycles (per Block) 100,000 cycles Symbol Parameter Flash Unit Min Max tEHQ7V Chip Enable High to DQ7 Valid (Program, EF Controlled) 10 200 µs Chip Enable High to DQ7 Valid (Block Erase, EF Controlled) 1 10 s tEHQV Chip Enable High to Output Valid (Program) 10 200 µs Chip Enable High to Output Valid (Block Erase) 1 10 s tQ7VQV Q7 Valid to Output Valid (Data Polling) 0 ns tWHQ7V Write Enable High to DQ7 Valid (Program, WF Controlled) 10 200 µs Write Enable High to DQ7 Valid (Block Erase, WF Controlled) 110 s tWHQV Write Enable High to Output Valid (Program) 10 200 µs Write Enable High to Output Valid (Block Erase) 1 10 s |