| Moteur de recherche de fiches techniques de composants électroniques |
|
M36DR232B Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M36DR232B Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 46 page ![]() 25/46 M36D232A, M36DR232B Note: 1. IDDES and IDDWS are specified with device deselected. If device is read while in erase suspend, current draw is sum of IDDES and IDDR. If the device is read while in program suspend, current draw is the sum of IDDWS and IDDR. Table 25. Flash Read AC Characteristics (TA = –40 to 85°C; VDDF = 1.65V to 2.2V) Note: 1. Sampled only, not 100% tested. 2. GF may be delayed by up to tELQV -tGLQV after the falling edge of EF without increasing tELQV VPPL Program Voltage (Program or Erase operations) Flash 1.65 2.2 V VPPH Program Voltage (Program or Erase operations) Flash 11.4 12.6 V VPPLK Program Voltage (Program and Erase lock-out) Flash 1 V Symbol Alt Parameter Test Condition Flash Unit 100 120 Min Max Min Max tAVAV tRC Address Valid to Next Address Valid EF =VIL,GF =VIL 100 120 ns tAVQV tACC Address Valid to Output Valid (Random) EF =VIL,GF =VIL 100 120 ns tAVQV1 tPAGE Address Valid to Output Valid (Page) EF =VIL,GF =VIL 35 45 ns tAXQX tOH Address Transition to Output Transition EF =VIL,GF =VIL 00 ns tEHQX tOH Chip Enable High to Output Transition GF =VIL 00 ns tEHQZ (1) tHZ Chip Enable High to Output Hi-Z GF =VIL 25 35 ns tELQV (2) tCE Chip Enable Low to Output Valid GF =VIL 100 120 ns tELQX (1) tLZ Chip Enable Low to Output Transition GF =VIL 00 ns tGHQX tOH Output Enable High to Output Transition EF =VIL 00 ns tGHQZ (1) tDF Output Enable High to Output Hi-Z EF =VIL 25 35 ns tGLQV (2) tOE Output Enable Low to Output Valid EF =VIL 25 35 ns tGLQX (1) tOLZ Output Enable Low to Output Transition EF =VIL 00 ns Symbol Parameter Device Test Condition Min Typ Max Unit |