Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 135 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 135 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 131Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 132Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 133Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 134Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 135Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 136Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 137Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 138Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 139Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
67
Functional Test
The purpose of this procedure is to confirm that the oscilloscope functions
properly.
This procedure verifies functions; that is, it verifies that oscilloscope
features operate. It does not verify that they operate within limits.
Therefore, when the instructions that follow call for you to verify that a
signal appears onscreen that is about five divisions in amplitude" or
has a period of about six horizontal divisions," etc., do NOT interpret
the quantities given as limits. Operation within limits is checked in
Performance Tests, which begin on page 611.
DO NOT make changes to the front panel settings that are not called
out in the procedure. If you make changes to these settings other
than those called out in the procedure, you may obtain invalid results.
In this case, just redo the procedure from step 1.
NOTE
If the oscilloscope fails anyof these checks it has failed the perfor
mance verification. To diagnose the causes of a failure, proceed to
the troubleshooting procedures on page 827.
Equipment Required: One P6109B (TDS 310 and TDS 320) or P6111B
(TDS 350) probe (Item 9).
Time Required: Approximately 5 minutes.
Prerequisites: None.
Procedure:
1. Install the probe on CH 1. Connect the probe tip to PROBE COMP on
the front panel; leave the probe ground unconnected. (See Figure 63.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More