Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 10Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 11Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 12Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 13Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 14Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 242 page
background image
EC Declaration of Conformity
We
Tektronix Holland N.V.
Marktweg 73A
8444 AB Heerenveen
The Netherlands
declare under sole responsibility that the
TDS 350 Digitizing Oscilloscope
meets the intent of Directive 89/336/EEC for Electromagnetic Compatibility.
Compliance was demonstrated to the following specifications as listed in the
official Journal of the European Communities:
EN 50081-1 Emissions:
EN55022
Radiated, Class B
EN55022
Conducted, Class B
EN605552 Power Harmonics
EN 50082-1 Immunity:
IEC801-2 Electrostatic Discharge
IEC801-3 RF Radiated
IEC801-4 Fast Transients
IEC801-5 Surge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More