Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 134 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 134 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 130Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 131Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 132Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 133Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 134Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 135Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 136Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 137Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 138Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 242 page
background image
Self Test
Performance Verification
66
First, display the CAL menu.
Second, verify Pass
status for the
adjustment
sections.
Third, run a signal
path compensation
and verify status is
Pass.
Figure 62:Verifying Adjustments and Signal Path Compensation
6. Press Signal Path ! OK Compensate Signal Paths. When compensa
tion completes, the status message updates to Pass or Fail in the main
menu
7. Check that the word Pass appearsunder Signal Path in the main menu.
(See Figure 62.) If Pass doesnot appear, the instrument hasfailed the
performance verification; return it to Tektronix for servicing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More