Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 61 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 57Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 58Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 59Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 60Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 61Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 62Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 63Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 64Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 242 page
background image
Front Panel
TDS 310, TDS 320 & TDS 350 Instruction Manual
39
The Status Readouts show trigger status
(stopped, waiting for trigger, etc.) and
acquisition status (mode and sampling
rate or number of acquisitions).
Channel Ground
Indicator
The value entered with
the general purpose
knob.
The main menu offers
a choice of major
actions.
The side menu offers
a choice of specific
actions.
Cursor measurement
readouts. See
page 335 for more
information on cursors.
Trigger position (T).
Shows what part of the waveform record is displayed.
Indicates
position of
vertical bar
cursors in the
waveform
record.
The waveform
record icon.
Trigger level
indicator
When the general
purpose knob is first
assigned, the knob icon
appears here.
The Channel Readout
shows the VOLTS/DIV
of all active channels.
The Trigger Readout
shows the trigger source
and level and whether
the instrument is
triggered on the rising
or fallingedge of the
waveform.
When in video trigger
mode, the readout
displays source and
trigger feature (Field 1,
Field 2, or Lines).
The Time Base Readout
shows the time base setting.
M indicates (M)ain time base,
D indicates (D)elayed time
base.
Trigger point
indicator
Display Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More