Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 45 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 41Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 42Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 43Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 44Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 45Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 46Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 47Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 48Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
27
Using the Probes
The TDS 310, TDS 320, and TDS 350 come with two standard accessory
probes. Use these probes to conduct test signals to the oscilloscope. For
detailed probe specifications and instructions, see the instruction manual
packaged with the probe.
To connect a probe to the oscilloscope, attach the BNC end of the probe to
either the CH 1 or CH 2 input. Be sure to twist the probe end clockwise until
the BNC is fully locked. See Figure 25.
Figure 25:Connecting a Probe
Use the following procedure to compensate the probe every time you set up
your oscilloscope.
1. Attach the probe BNC connector to the CH 1 input and attach the probe
tip tothe PROBE COMP output signal, as shown in Figure 26. Attach the
probe ground clip to the outer ring of the CH 2 BNC.
Connecting a Probe
Compensating a
Probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More