Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 35 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 31Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 32Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 33Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 34Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 35Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 36Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 37Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 38Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 242 page
background image
Options and Accessories
TDS 310, TDS 320 & TDS 350 Instruction Manual
15
The standard accessories listed in Table 13 come with the TDS 310,
TDS 320, and TDS 350.
Table13:Standard Accessories
Accessory
Reference
Instruction Manual
XYZs of Analog and Digital Oscilloscopes
U.S. Power Cord
Probes (quantity two) P6109B 10X Passive (TDS 310 and TDS 320)
Probes (quantity two) P6111B 10X Passive (TDS 350)
You can order the optional accessories listed in Table 14.
Table14:Optional Accessories
Accessory
Part Number
Scope Camera
C 9, Option 4, (in
cludes Adapter
Hood
016-1154-XX)
Oscilloscope Cart
K212
Rackmount Kit (for field conversion)
016-1166-XX
Soft Sided Carrying Case
016-1158-XX
Carrying Case
016-0792-XX
Deluxe Transit Case
016-1157-XX
Front Cover
200-3232-XX
Accessories Pouch
016-1159-XX
I/O Interface Field Upgrade Kit
TD3F14A
Time Interval to Voltage Converter (requires
TM500/5000 mainframe)
TVC501
Docuwave waveform capture utility software for the PC S60 DWAV
Printer, bubblejet, 360 dpi, 83 cps, plain paper
HC 220
Instruction Manual
French
German
Spanish
070-8070-XX
070-8071-XX
070-8819-XX
Standard
Accessories
Optional Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More