Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 70 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 66Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 67Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 68Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 69Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 70Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 71Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 72Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 73Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 242 page
background image
Manipulating Waveforms
Operation
318
Figure 35:The Vertical Menu
Use the vertical menu to perform these tasks.
SelectInputCoupling
Press the main menu button Coupling. Use the
side menu to select DC, AC, or ground (GND) coupling.
Inverta Waveform
Press the main menu button
Invert. Use the side
menu to turn invert off and on. When you turn invert on, the selected wave
form flips" around the zero volt axis. Figure36 shows an inverted pulse
signal.
NOTE
Invert flips" the waveform, but it does not alter the trigger level
accordingly. To obtain a stable trigger after inverting a waveform,
press SET LEVEL TO 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More