Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 84 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 80Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 81Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 82Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 83Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 84Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 85Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 86Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 87Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 242 page
background image
Taking Measurements
Operation
332
Figure 318:The Measure Menu and Active Measurements
Use the measure menu to perform the following tasks.
Activate a Measurement
Use this procedure to activate a measure
ment for the selected waveform.
1. Press the main menu button Select Measrmnt for....
2. If necessary, press the lowermost side menu button (labeled -more- x
outof6) to page through the available measurements until the measure
ment you want to take appears in the side menu.
3. Then press one of the top four side menu buttons to activate a particular
measurement.
The measured values appear to the left of the side menu, as shown in Figure
318. For definitions of the available measurements, see Table 31.
NOTE
Measurements only remain active while the channel is active. If you
activate several measurements for a channel and then press the
WAVEFORM OFF button, the measurements disappear just like the
waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More