Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce MPL460A-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB Fiches technique(HTML) 16 Page - Microchip Technology

Back Button MPL460A-I/4LB Datasheet HTML 12Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 13Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 14Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 15Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 16Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 17Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 18Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 19Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
PL460
Input/Output Lines
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 16
6.
Input/Output Lines
The PL460 has several kinds of input/output (I/O) lines to manage the device and different features
related to the firmware running in the PL460.
6.1.
Reset (NRST) Pin
The NRST pin is unidirectional. It is managed by the external host controller and can be driven low
to provide a Reset signal to reset the PL460. It resets the core and the peripherals. There is no
constraint on the length of the Reset pulse.
It is recommended to connect the NRST pin to a GPIO of the host controller whose reset state is
configured as pull-down. If the GPIO reset configuration is high-impedance, a pull-down resistor
connected to GND must be used to ensure the timing of the power-on sequence. If using a GPIO
with pull-up as reset configuration, then a 100 nF capacitor connected to GND must be used to
ensure the timing of the power-on sequence.
When using the Sleep mode functionality, the NRST and STBY signals must be connected to a GPIO
in the host controller with an internal pull-down default reset configuration to avoid enabling Sleep
mode until the host boots.
To enter Sleep mode, it is required to reset the device (driving the NRST pin low) before enabling the
STBY input. To exit Sleep mode, the STBY pin must be disabled before releasing NRST.
Refer to Power On Considerations to view the timing constraints using this pin.
6.2.
Enable (ENABLE) Pin
The ENABLE pin is an input and must be driven high to activate the core voltage regulator integrated
within the PL460.
By default, a pull-up resistor to VDDIN is required on this pin. If external management of the
embedded voltage regulator is necessary, the host controller may be used.
For additional information regarding timing constraints associated with this pin, refer to the Power
On Considerations section.
6.3.
Standby (STBY) Pin
The STBY pin is an input. It must be driven high to enable Sleep mode, while keeping the Reset
(NRST) pin enabled (driven low).
By default, the STBY pin must be connected to GND to prevent device malfunction caused by
an undefined status of the PLC line driver pins. If Sleep mode is required, the STBY pin may be
managed accordingly.
In Sleep mode, the core of the device and the peripherals are reset, reducing power consumption.
The content of the RAM memory is maintained. Therefore, the program reloading is not required
when the PL460 returns to normal operating mode.
To avoid device malfunction in Sleep mode due to an undefined status of the PLC line driver pins,
the STBY pin only must be enabled (driven high) after the NRST is enabled (driven low). To exit Sleep
mode, it is required to disable the STBY pin (driven low) first and then, disable NRST (driven high).
When using the Sleep mode functionality, the NRST and STBY signals must be connected to a GPIO
in the host controller with an internal pull-down default reset configuration to avoid enabling Sleep
mode until the host boots.
6.4.
External Interrupt (EXTIN) Pin
The EXTIN signal automatically indicates to the external host controller that the firmware running in
the PL460 has one or more pending events to be consulted by the host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com