Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce MPL460A-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB Fiches technique(HTML) 21 Page - Microchip Technology

Back Button MPL460A-I/4LB Datasheet HTML 17Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 18Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 19Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 20Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 21Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 22Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 23Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 24Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
PL460
Bootloader
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 21
7.4.2.
Bootloader Hardware Signature
Each frame received from the host (write or read frame) will be acknowledged with a 32-bit
signature through the MISO signal. This is used to give the bootloader’s signature and the state
of the system to the host.
This frame is composed of the following:
MISO
B31
B16
B17
B14
B15
B12
B13
B10
B11
B8
B9
B7
B1
B2
B0
CS
SCK
MOSI
A31
A16
A17
A14
A15
A12
A13
A10
A11
A8
A9
A7
A1
A2
A0 C15
X
BOOT_SIGN
RST_STATUS
RESERVED
FREE
AES
Bit
Name
Value
31..17
BOOT_SIGN
010101100011010
16
RST_STATUS
USER_RST
15
CM7_RESET
14
WDT_RESET
13
BOOT_FUSE
—
12
CHIP_ID
—
11
RESERVED
—
10
HSM_FUSE
—
9
AES_FUSES
AES_DIS
8
AES_128
7..2
RESERVED
—
1..0
FREE_FUSES
—
7.4.3.
Write Process
The command used to write on a unique address is CMD = 0x0000.
The command used to write on several consecutive addresses is CMD = 0x0001. In this case, it will
be sent the 32 bits of the initial address, 16 bits of the command (0x0001) and as many consecutive
words (32 bits) as are wanted to write.
Regarding the decryption packets, the commands to write the number of decryption packets (CMD
= 0x0004), the initial vector of decryption (CMD = 0x0005) or the decryption signature to test if
decryption is correct (CMD = 0x0006), the address of the frame is not taken into account and it can
be composed of any address value. To write the decryption packet, only the last 15 bits are taken
into account. In the case of decryption initial vector and decryption signature where it is necessary
to send the 128-bit value as data, it is made in the same way as the write process at consecutive
addresses, sending 4 consecutive words (32 bits).
To write a fuse box, the Buffer register must be written in advance (CMD = 0x0007) and then
the Tamper registers of KEY_ENC_BOX, KEY_TAG_BOX or CONTROL_BOX must be written with the
content of the buffer (CMD = 0x0008, CMD = 0x0009 and CMD = 0x000B respectively). Finally, to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com