Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce MPL460A-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB Fiches technique(HTML) 7 Page - Microchip Technology

Back Button MPL460A-I/4LB Datasheet HTML 3Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 4Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 5Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 6Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 7Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 8Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 9Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 10Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
PL460
Signal Description
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 7
3.
Signal Description
Table 3-1. Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments
Power Supplies
VDDIO
3.3V Digital supply
Power
—
—
3.0V to 3.6V (Note 1)
VDDIN
3.3V Voltage input for core voltage
regulator
Power
—
—
3.0V to 3.6V (Note 1)
VDDIN_AN
3.3V Analog supply (ADC + PGA)
Power
—
—
3.0V to 3.6V (Note 2)
VDDCORE
1.25V Voltage Regulator Output with
internal connection to Core power supply
Power
—
—
1.25V (Note 3)
VDDPLL
1.25V PLL power supply input. Must be
connected to VDDCORE through a LP filter
Power
—
—
1.25V (Note 4)
VREGP
PLC Driver voltage regulator output for
external decoupling capacitor
Power
—
—
(Note 5)
VREGN
PLC Driver voltage regulator output for
external decoupling capacitor
Power
—
—
(Note 6)
PVDDAMP
Power supply of PLC driver amplifier and
regulators
Power
—
—
8V to 16V (Note 7, 8)
VDDAMP
3.3V Digital and analog power supply of
PLC driver
Power
—
—
3.0 to 3.6V (Note 9)
GND
Digital ground
Power
—
—
(Note 10)
AGND
Analog ground
Power
—
—
(Note 10)
PGND
Power ground of PLC driver
Power
—
—
(Note 10)
GNDAMP
Analog ground of PLC driver
Power
—
—
(Note 10)
Clocks, Oscillators and PLLs
XIN
Crystal Oscillator Input
Input
—
VDDIO
—
XOUT
Crystal Oscillator Output
Output
—
VDDIO
—
Reset/Enable
NRST
System Reset
Input
Low
VDDIO
(Note 11)
ENABLE
Enable Internal core voltage regulator
Input
High
VDDIO
—
Power Line Communications
OUT
Switching amplifier output
Output
—
PVDDAMP
—
ASO[0:1]
Analog Switch Outputs to disable the
bandpass filtering when there is no PLC
transmission activity
Output
—
PVDDAMP
High-voltage, high-current,
and low resistance analog
switches.
ASI[0:1]
Analog Switch status
Output
—
VDDIO
—
VIN
PLC signal reception input
Input
—
VDDIN_AN
—
AGC
Automatic Gain Control. This digital tri-
state output is managed by AGC hardware
logic to drive external circuitry when input
signal attenuation is needed
Output
—
VDDIO
(Note 12)
VZC
Mains Zero-Cross Detection Signal. This
input detects the zero-crossing of the
mains voltage
Input
—
VDDIO
External Protection
Resistor (Note 12, 13)
VREFP
Internal Reference “Plus” Voltage
Analog
—
VDDIN_AN
(Note 14)
VREFN
Internal Reference “Minus” Voltage
Analog
—
VDDIN_AN
(Note 14)
VREFC
Internal Reference Common-mode
Voltage
Analog
—
VDDIN_AN
(Note 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com