Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce MPL460A-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB Fiches technique(HTML) 23 Page - Microchip Technology

Back Button MPL460A-I/4LB Datasheet HTML 19Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 20Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 21Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 22Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 23Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 24Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 25Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 26Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
PL460
Bootloader
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 23
Control Fuses (continued)
Fuse Bit
Name
Description
2
WRITE_AES_KEY If it is set, KEY_ENC and KEY_TAG cannot be written
5
READ_CONTROL If it is set, CONTROL_FUSES cannot be read
6
WRITE_CONTROL If it is set, CONTROL_FUSES cannot be written
7
READ_RAM
If it is set, memory ram cannot be read
8
RESERVED
Reserved
9
RESERVED
Reserved
10
FORCE_IVNBINC If it is set, initialization vector and number of blocks must be used in the calculation of the
signature
11
RESERVED
Reserved
12
RESERVED
Reserved
13
RESERVED
Reserved
14
RESERVED
Reserved
15
RESERVED
Reserved
16
DBG_DISABLE If it is set, JTAG debug is disabled
17
DBG_DISABLE_SE Reserved
7.4.7.
Decryption
After writing the full encrypted binary in the program RAM, decryption of the program is launched.
There are two options depending on the content of the encrypted program, which has been loaded.
If the KEY_TAG includes only the program, basic decryption is required (CMD = 0x0013).
If the KEY_TAG includes the program plus initial vector and total number of packets, decryption plus
is required (CMD = 0x0015).
In both cases, neither address nor data are considered.
If FORCE_IVNBINC fuse is set to ‘1’, both decryption commands (CMD = 0x0013 and CMD = 0x0015)
will calculate the signature over SOFT+IV+NB.
7.4.8.
Examples
7.4.8.1. Write a Non-encrypted Program
Command
Description
0x00000000_DE05_5345ACBA
After Reset, unblock the bootloader
0x00000000_DE05_ACBA5345
0x00000000_0001_DDDDDDDD…
Write the program at consecutive addresses from 0x00000000
0x00000000_0002_XXXXXXXX…
(Optional) Read the program to validate it (READ_RAM fuse must be not set)
0x400E1800_0000_00000000
Clear CPUWAIT to start program operation
0x00000000_A66A_00000000
Give control of the MISO signal to M7-SPI and disable bootloader clock
7.4.8.2. Write an Encrypted Program when Keys are already Written
Command
Description
0x00000000_DE05_5345ACBA
After Reset, unblock the bootloader
0x00000000_DE05_ACBA5345
0x00000000_0004_0000XXXX
Set the number of blocks of the encrypted program
0x00000000_0005_XXXXXXXX XXXXXXXX
XXXXXXXX XXXXXXXX
Set the initialization vector of the encrypted program
0x00000000_0006_XXXXXXXX XXXXXXXX
XXXXXXXX XXXXXXXX
Set signature of the encrypted program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com