Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce MPL460A-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB Fiches technique(HTML) 2 Page - Microchip Technology

  MPL460A-I/4LB Datasheet HTML 1Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 2Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 3Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 4Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 5Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 6Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 7Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 8Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
PL460
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 2
• Power Management:
– 3.3V external supply voltage for I/O, digital and analog
– 1.25V internal voltage regulator for the core
– 12V external supply for the PLC amplifier
– Optimized power modes for specific operation profiles, including Low-Power mode
• Package: Available in TFBGA-81, 10 mm x 10 mm, 1.0 mm pitch
• Temperature Range: Industrial (-40ºC to +85ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com