Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce MPL460A-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB Fiches technique(HTML) 39 Page - Microchip Technology

Back Button MPL460A-I/4LB Datasheet HTML 35Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 36Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 37Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 38Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 39Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 40Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 41Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 42Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
PL460
Electrical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 39
11.8. Power On Considerations
The Power On procedure begins by driving the ENABLE pin high to activate the embedded voltage
regulator.
When the ENABLE pin is driven high, VDDCORE is activated once the ENABLE voltage reaches 1.6V.
The NRST pin must be tied to ‘0’ during power-on for a minimum of 2.5 ms after the VDDCORE is
activated.
Clock signals will begin operating approximately 290 μs after the NRST pin is released. Following
this, the external host CPU can access the bootloader logic to transfer the program and initiate
system operation.
Figure 11-2. Power On Timing Diagram for NRST (ENABLE With Pull-Up Resistor to VDDIN)
0
0,5
1
1,5
2
2,5
3
3,5
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
ENABLE
VDDCORE
NRST
2,5 ms
It is recommended to apply the PVDDAMP supply at least 2.5 ms after the ENABLE pin has stabilized.
Figure 11-3. Power On Timing Diagram for PVDDAMP (ENABLE With Pull-Up Resistor to VDDIN)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
0,5
1
1,5
2
2,5
3
3,5
4
4,5
5
ENABLE
VDDCORE
PVDDAMP
2,5 ms
If these considerations about NRST and PVDDAMP cannot be met, Microchip strongly recommends
holding the NRST pin low as soon as possible at power on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com