Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460A-I/4LB Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce MPL460A-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460A-I/4LB Fiches technique(HTML) 5 Page - Microchip Technology

  MPL460A-I/4LB Datasheet HTML 1Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 2Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 3Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 4Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 5Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 6Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 7Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 8Page - Microchip Technology MPL460A-I/4LB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
PL460
Typical Application of PL460
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 5
1.
Typical Application of PL460
The PL460 modem is designed to be managed by an external host microcontroller through a 4-line
standard Serial Peripheral Interface (SPI).
Four additional signals allow the host to control the PL460: STBY, ENABLE, TXEN and NRST. Another
signal EXTIN from the PL460 is used to signal events from the PL460 to the host controller.
The thermal monitoring functionality checks the internal temperature of the device and allows the
PL460 to adapt its operation in case of overheating. The functionality is enabled using the THEN
input. Two output signals are used to generate different temperature warnings, NTHW0 and THW1.
The first warning, NTHW0, can be managed by the host controller and the second warning, THW1, is
managed directly by the PL460 using the G1 input.
The following figure illustrates a typical example of the PL460 modem:
Figure 1-1. PL460 Application Example
PL460
Power
supply
Host
MCU
PLC
filtering
3.3V
8~16V
OUT
ASO0
ASO1
VIN
AGC
Zero-crossing
circuit
VZC
AC/DC
LINE
PLC
coupling
CS
SCK
MOSI
MISO
STBY
NRST
ENABLE
THEN
TXEN
EXTIN
NTHW0
THW1
G1
The zero-crossing detection (VZC) is an optional feature and its usage depends on the PLC protocol
specification.
Refer to the Microchip reference designs for a detailed description of the usage of the
aforementioned control signals and features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com