Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99PM72PXP Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 23Page - STMicroelectronics L99PM72PXP Datasheet HTML 24Page - STMicroelectronics L99PM72PXP Datasheet HTML 25Page - STMicroelectronics L99PM72PXP Datasheet HTML 26Page - STMicroelectronics L99PM72PXP Datasheet HTML 27Page - STMicroelectronics L99PM72PXP Datasheet HTML 28Page - STMicroelectronics L99PM72PXP Datasheet HTML 29Page - STMicroelectronics L99PM72PXP Datasheet HTML 30Page - STMicroelectronics L99PM72PXP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
L99PM72PXP
Detailed description
Doc ID 023553 Rev 3
27/128
Figure 13.
Change watchdog timing within long open window
Figure 14.
Change watchdog timing within window mode
If the device is in Fail_safe mode, the Control Registers are locked for writing. To change the
watchdog timing out of Fail_safe mode, first the Fail_safe condition must be solved,
respective confirmed from the microcontroller. Afterwards the new watchdog timing can be
programmed using the sequence from Figure 15. Since the actions to remove, a Fail_safe
condition can differ from the root cause of the fail safe the following diagram shows the
general procedure how to change the watchdog timing out of Fail_safe mode. Figure 16
shows the procedure to change watchdog timing with a previous watchdog failure, since this
is a special Fail_safe scenario.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More