| Moteur de recherche de fiches techniques de composants électroniques |
|
L99PM72PXP Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72PXP Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 128 page ![]() L99PM72PXP Electrical specifications Doc ID 023553 Rev 3 59/128 Figure 31. Watchdog timing (long, early, late and safe window) TLFW3 Late failure window 3 200 ms TSW3 Safe window 3 75 120 ms TEFW4 Early failure window 4 90 ms TLFW4 Late failure window 4 400 ms TSW4 Safe window 4 150 240 ms Table 20. Watchdog (continued) Symbol Parameter Test condition Min. Typ. Max. Unit |