| Moteur de recherche de fiches techniques de composants électroniques |
|
L99PM72PXP Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99PM72PXP Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 128 page ![]() Block diagram and pin description L99PM72PXP 12/128 Doc ID 023553 Rev 3 Figure 2. Pin connection (top view) 31 VS Power supply voltage 32 LINPU High side driver output to switch off LIN master pull up resistor 33 LIN LIN bus line 34 REL1 Low side driver output (2 typ) 35 REL2 Low side driver output (2 typ) 36 PGND Power ground (REL1/2, LIN and CAN GND), to be connected to AGND externally Table 2. Pin definitions and functions (continued) Pin Symbol Function CANH DO CLK V2 OUT_HS AGND 1 RxDC / NINT 2 TxDC 3 4 5 NRESET 6 V1 7 8 TxDL 9 RxDL / NINT 10 OP2P 11 OP2M 12 OPOUT2 13 DI 14 N.C. 15 CANSUP 16 17 18 PGND 36 Vs 35 REL1 34 REL2 33 32 OUT3/FSO 31 OUT1 30 29 OUT4 28 OP1P 27 OP1M 26 OPOUT1 25 WU3 24 WU2 23 WU1 22 CSN 21 LINPU 20 LIN 19 OUT2 PowerSSO-36 CANL TAB = AGND |