Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99PM72PXP Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 21Page - STMicroelectronics L99PM72PXP Datasheet HTML 22Page - STMicroelectronics L99PM72PXP Datasheet HTML 23Page - STMicroelectronics L99PM72PXP Datasheet HTML 24Page - STMicroelectronics L99PM72PXP Datasheet HTML 25Page - STMicroelectronics L99PM72PXP Datasheet HTML 26Page - STMicroelectronics L99PM72PXP Datasheet HTML 27Page - STMicroelectronics L99PM72PXP Datasheet HTML 28Page - STMicroelectronics L99PM72PXP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 128 page
background image
L99PM72PXP
Detailed description
Doc ID 023553 Rev 3
25/128
serve the watchdog by alternating the watchdog trigger bit within the safe trigger area (refer
to Figure 32).
A correct watchdog trigger signal immediately starts the next cycle.
After 8 watchdog failures in sequence, the V1 regulator is switched off for 200 ms. If
subsequently, 7 additional watchdog failures occur, the V1 regulator is completely turned off
and the device goes into VBat_standby mode until a wakeup occurs.
In case of a Watchdog failure, the outputs (RELx, OUTx, V2) are switched off and the device
enters Fail_safe mode (i. e. all control registers are set to default values except the 'OUT3
control bit').
The following diagrams illustrate the Watchdog behavior of the L99PM72PXP. The diagrams
are split into 3 parts. First diagram shows the functional behavior of the watchdog without
any error. The second diagram covers the behavior covering all the error conditions, which
can affect the watchdog behavior. Third diagram shows the transition in and out of FLASH
mode. All 3 diagrams can be overlapped to get all the possible state transitions under all
circumstances. For a better readability, they were split in normal operating, operating with
errors and flash mode.
Figure 10.
Watchdog in normal operating mode (no errors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More