| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 220 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 220 Page - STMicroelectronics |
|
220 / 279 page ![]() Applications L9679P 220/279 DS11627 Rev 7 17 Applications The main applications for this IC are two: as advanced user configurable airbag IC as pyro fuse manager IC 17.1 Application circuit Figure 70. Application circuit SFx SRx S ACL DCSx RSUx WSx FENL D3 GPODx GPOSx ARMx C7 C37÷C45 C8 C9 L2 L3 L4 C11 C12 D4 C20÷C27 C28÷C35 C36 C46÷C47 C48÷C49 C10 L9679P D7÷D10 VSF Regulator VSF D1 ERBSTSW ERBOOST VER BATT ER BOOST ER Charge/Discharge and ER cap Diag ER Switch Battery Monitor C6 R2 VBATMON VIN C1 C2 R1 L1 C3 D2 C4 C5 C13 Q1 R3 D5 D6 C14 C16÷C19 SSxy LOAD VDD Regulator VINT3V3 Regulator Wake-up Oscillators Logic Block GNDSUBx SYNC BOOST WAKEUP GNDSUBx SYNCBSTSW BSTGND SYNCBOOST SAT BUCK VCC BUCK SATBCKSW SATGND SATBCK VCCBCKSW BATT VCC R4 D11 R14 IGN CVDD GNDD GPO Driver System control & configuration Safing Logic VCCGND uC_FLEN uC_DIAGEN R6 R11 R7÷R10 R12 Q2 PUMD15 C15 R5 ERBOOST Close after power-up R13 Q3 D12 |