Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679P Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 64Page - STMicroelectronics L9679P Datasheet HTML 65Page - STMicroelectronics L9679P Datasheet HTML 66Page - STMicroelectronics L9679P Datasheet HTML 67Page - STMicroelectronics L9679P Datasheet HTML 68Page - STMicroelectronics L9679P Datasheet HTML 69Page - STMicroelectronics L9679P Datasheet HTML 70Page - STMicroelectronics L9679P Datasheet HTML 71Page - STMicroelectronics L9679P Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 279 page
background image
SPI interfaces
L9679P
68/279
DS11627 Rev 7
0 WD2TM=0
1 WD2TM=1
WD2_WDR
0
0
- WD2 reset latch - set when WD2RESET or STOPPING states are entered,
cleared upon read
0 WD2RST signal = 0
1 WD2RST signal = 1
WD1_LO
1
1
- WD1 lockout - reflects WD1 lockout state
Set and cleared per Watchdog Timer Flow Diagram
0 WD1 Lockout inactive
1 WD1 Lockout active
WD1_TM
0
0
0 WD1 test mode - reflects WD1TM signal state
Set and cleared per Watchdog Timer Flow Diagram
0 WD1TM=0
1 WD1TM=1
WD1_WDR
0
0
- WD1 reset latch
Set and cleared per Watchdog Timer Flow Diagram
0 WD1_WDR signal = 0
1 WD1_WDR signal = 1
WSMRST
1
1
- Watchdog state machine reset
Set when WSM reset goes to '1', cleared upon SPI read
0 WSM reset has not occurred
1 WSM reset has occurred
SSMRST
1
1
1 Safing state machine reset
Set when SSM reset goes to '1', cleared upon SPI read
0 SSM reset has not occurred
1 SSM Reset has occurred
POR
1
-
- Power on Reset
Set when POR goes to '1', cleared upon SPI read
0 POR reset has not occurred
1 POR Reset has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More