| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 279 page ![]() 1 1 0 1 1 0 0 1 $D9 R/W SAF_DATA_MASK_14_pt1 Safing record data mask X 1 1 0 1 1 0 1 0 $DA R/W SAF_DATA_MASK_14_pt2 X 1 1 0 1 1 0 1 1 $DB R/W SAF_DATA_MASK_15_pt1 X 1 1 0 1 1 1 0 0 $DC R/W SAF_DATA_MASK_15_pt2 X 1 1 0 1 1 1 0 1 $DD R/W SAF_DATA_MASK_16_pt1 X 1 1 0 1 1 1 1 0 $DE R/W SAF_DATA_MASK_16_pt2 X 1 1 0 1 1 1 1 1 $DF R/W SAF_THRESHOLD_1 Safing record threshold X 1 1 1 0 0 0 0 0 $E0 R/W SAF_THRESHOLD_2 X 1 1 1 0 0 0 0 1 $E1 R/W SAF_THRESHOLD_3 X 1 1 1 0 0 0 1 0 $E2 R/W SAF_THRESHOLD_4 X 1 1 1 0 0 0 1 1 $E3 R/W SAF_THRESHOLD_5 X 1 1 1 0 0 1 0 0 $E4 R/W SAF_THRESHOLD_6 X 1 1 1 0 0 1 0 1 $E5 R/W SAF_THRESHOLD_7 X 1 1 1 0 0 1 1 0 $E6 R/W SAF_THRESHOLD_8 X 1 1 1 0 0 1 1 1 $E7 R/W SAF_THRESHOLD_9 X 1 1 1 0 1 0 0 0 $E8 1 1 1 0 1 0 0 1 $E9 1 1 1 0 1 0 1 0 $EA 1 1 1 0 1 0 1 1 $EB 1 1 1 0 1 1 0 0 $EC R/W SAF_THRESHOLD_14 X 1 1 1 0 1 1 0 1 $ED R/W SAF_THRESHOLD_15 X 1 1 1 0 1 1 1 0 $EE R/W SAF_THRESHOLD_16 X 1 1 1 0 1 1 1 1 $EF R/W SAF_CONTROL_1 Safing record control X 1 1 1 1 0 0 0 0 $F0 R/W SAF_CONTROL_2 X 1 1 1 1 0 0 0 1 $F1 R/W SAF_CONTROL_3 X Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |