| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 279 page ![]() 1 1 1 1 0 0 1 0 $F2 R/W SAF_CONTROL_4 Safing record control X 1 1 1 1 0 0 1 1 $F3 R/W SAF_CONTROL_5 X 1 1 1 1 0 1 0 0 $F4 R/W SAF_CONTROL_6 X 1 1 1 1 0 1 0 1 $F5 R/W SAF_CONTROL_7 X 1 1 1 1 0 1 1 0 $F6 R/W SAF_CONTROL_8 X 1 1 1 1 0 1 1 1 $F7 R/W SAF_CONTROL_9 X 1 1 1 1 1 0 0 0 $F8 1 1 1 1 1 0 0 1 $F9 1 1 1 1 1 0 1 0 $FA 1 1 1 1 1 0 1 1 $FB 1 1 1 1 1 1 0 0 $FC R/W SAF_CONTROL_14 X 1 1 1 1 1 1 0 1 $FD R/W SAF_CONTROL_15 X 1 1 1 1 1 1 1 0 $FE R/W SAF_CONTROL_16 X 1 1 1 1 1 1 1 1 $FF R SAF_CC Safing Record Compare Complete 1. A check mark indicates in which operating state a WRITE-command is valid. 2. KEEP_ERBOOST_ON, LOW_POWER_MODE, VSF_V and VINGOOD_FILT_SEL bits are writable in all states, the other bits of SYS_CFG are only writable in INIT state. Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |