| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 85 Page - STMicroelectronics |
|
85 / 279 page ![]() DS11627 Rev 7 85/279 L9679P SPI interfaces 278 7.4.10 Deployment current monitor registers (DCMTSxy) Deployment Current Monitor Status Channel 0,1 (DDCMTS01) Deployment Current Monitor Status Channel 2,3 (DDCMTS23) Deployment Current Monitor Status Channel 4,5 (DDCMTS45) Deployment Current Monitor Status Channel 6,7 (DDCMTS67) ID: 1F (DDCMTS01) 20 (DDCMTS23) 21 (DDCMTS45) 22 (DDCMTS67) Type: R Read: 1F00 (DDCMTS01) 2000 (DDCMTS23) 2100 (DDCMTS45) 2202 (DDCMTS67) Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X X X MISO 0 0 0 0 Current_Mon_Timer_y[7:0] Current_Mon_Timer_x[7:0] Current_Mon_Timer_y[7:0] $00 $00 $00 Channel y current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel y. Increments each 16 µs while deployment current exceeds monitor threshold on channel y Current_Mon_Timer_x[7:0] $00 $00 $00 Channel x current monitor timer value corresponding to SPI command DCMTSxy. Set to default (cleared) on SSM_RESET or when a new deployment starts on channel x. Increments each 16 µs while deployment current exceeds monitor threshold on channel y |