| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 279 page ![]() 0 1 0 1 1 1 0 0 $5C 0 1 0 1 1 1 0 1 $5D 0 1 0 1 1 1 1 0 $5E 0 1 0 1 1 1 1 1 $5F 0 1 1 0 0 0 0 0 $60 0 1 1 0 0 0 0 1 $61 0 1 1 0 0 0 1 0 $62 0 1 1 0 0 0 1 1 $63 0 1 1 0 0 1 0 0 $64 0 1 1 0 0 1 0 1 $65 0 1 1 0 0 1 1 0 $66 R/W SAF_ALGO_CONF Safing Algorithm configuration register X 0 1 1 0 0 1 1 1 $67 0 1 1 0 1 0 0 0 $68 0 1 1 0 1 0 0 1 $69 0 1 1 0 1 0 1 0 $6A R ARM_STATE Status of arming signals 0 1 1 0 1 0 1 1 $6B 0 1 1 0 1 1 0 0 $6C 0 1 1 0 1 1 0 1 $6D 0 1 1 0 1 1 1 0 $6E R/W LOOP_MATRIX_ARM1 Assignment of ARM 1 pin to which LOOPS X 0 1 1 0 1 1 1 1 $6F R/W LOOP_MATRIX_ARM2 Assignment of ARM 2 pin to which LOOPS X 0 1 1 1 0 0 0 0 $70 0 1 1 1 0 0 0 1 $71 0 1 1 1 0 0 1 0 $72 0 1 1 1 0 0 1 1 $73 R AEPSTS_ARM1 Arming pulse stretch timer value 0 1 1 1 0 1 0 0 $74 R AEPSTS_ARM2 Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |