| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 279 page ![]() 0 1 0 0 0 0 1 1 $43 R/W GPOCTRL0 General Purpose Output 0 control register X X X X X 0 1 0 0 0 1 0 0 $44 R/W GPOCTRL1 General Purpose Output 1 control register X X X X X 0 1 0 0 0 1 0 1 $45 R/W GPOCTRL2 General Purpose Output 2 control register X X X X X 0 1 0 0 0 1 1 0 $46 R GPOFLTSR General Purpose Output fault status register 0 1 0 0 0 1 1 1 $47 0 1 0 0 1 0 0 0 $48 R ISOFLTSR ISOK Fault Status Register X 0 1 0 0 1 0 0 1 $49 0 1 0 0 1 0 1 0 $4A R/W RSCR0 PSI5/WSS configuration register X 0 1 0 0 1 0 1 1 $4B R/W RSCR1 X 0 1 0 0 1 1 0 0 $4C 0 1 0 0 1 1 0 1 $4D 0 1 0 0 1 1 1 0 $4E R/W RSCTRL Remote sensor control register X X X X 0 1 0 0 1 1 1 1 $4F 0 1 0 1 0 0 0 0 $50 0 1 0 1 0 0 0 1 $51 0 1 0 1 0 0 1 0 $52 0 1 0 1 0 0 1 1 $53 0 1 0 1 0 1 0 0 $54 0 1 0 1 0 1 0 1 $55 0 1 0 1 0 1 1 0 $56 0 1 0 1 0 1 1 1 $57 0 1 0 1 1 0 0 0 $58 0 1 0 1 1 0 0 1 $59 0 1 0 1 1 0 1 0 $5A 0 1 0 1 1 0 1 1 $5B Table 6.Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Safing Scrap Arming |