| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 217 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 217 Page - STMicroelectronics |
|
217 / 279 page ![]() DS11627 Rev 7 217/279 L9679P System voltage diagnostics 278 For measurements other than voltage (current, resistance, temperature etc.) the ranges are specified in the electrical parameters section of the relevant block. VBATMON X WAKEUP X SATBUCK X WDT/TM X RSUx X VCC X CVDD X VINT X Bandgap (BGR/BGM) X Table 19. Diagnostics divider ratios (continued) Measurements Divider Ratio 15:1 10:1 7:1 4:1 1:1 |