Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679P Fiches technique(PDF) 151 Page - STMicroelectronics

No de pièce L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Fiches technique(HTML) 151 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 147Page - STMicroelectronics L9679P Datasheet HTML 148Page - STMicroelectronics L9679P Datasheet HTML 149Page - STMicroelectronics L9679P Datasheet HTML 150Page - STMicroelectronics L9679P Datasheet HTML 151Page - STMicroelectronics L9679P Datasheet HTML 152Page - STMicroelectronics L9679P Datasheet HTML 153Page - STMicroelectronics L9679P Datasheet HTML 154Page - STMicroelectronics L9679P Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 279 page
background image
DS11627 Rev 7
151/279
L9679P
SPI interfaces
278
Cleared when a valid PSI5/WSS frame is received or if one of the following is
set: STG, STB, CURRENT_HI, OPEN_DET, RSTEMP, SLOT ERROR,
PULSE OVERFLOW ERROR, INVALID
Set upon SPI read of RSDRx and none of the following bits are set: STG,
STB, CURRENT_HI, OPEN_DET, RSTEMP, SLOT ERROR, PULSE
OVERFLOW ERROR, INVALID
0 No fault
1 Fault
SLOT ERROR
0
0
0 Slot error fault (valid only for PSI5 sensors)
Cleared by SSM_RESET or SPI read or when channel is commanded OFF
via SPI RSCTRL or if one of the following is set: STG, STB,
CURRENT_HI, OPEN_DET, RSTEMP or if a new valid data is received
Set in case of slot control enabled and frame not completely inside slot or
more than one frame inside the slot
0 No fault
1 Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More