| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 149 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 149 Page - STMicroelectronics |
|
149 / 279 page ![]() DS11627 Rev 7 149/279 L9679P SPI interfaces 278 7.7.2 Remote sensor data/fault registers (RSDRx @ FLT=1) Bit 15 = 1 FAULTED condition 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOS_RSI - X X X X X X X X X X X X X X X X MISO_RS (PSI5) CRC X LCID [3:0] STG STB X X CRC[2:0] - - - CRC based on bits [16:0] Updated based on bits [16:0] FLT 1 1 1 Fault Status Cleared when all of the following bits are '0': STG, STB, CURRENT_HI, OPENDET, RSTEMP, NODATA, INVALID, SLOT ERROR, PULSE OVERFLOW ERROR Set when any of the following bits are '1': STG, STB, CURRENT_HI, OPENDET, RSTEMP, NODATA, INVALID, SLOT ERROR, PULSE OVERFLOW ERROR 0 No fault 1 Fault On/Off 0 0 0 Channel On/Off Status Cleared by SSM_RESET or when channel is commanded OFF via SPI RSCTRL or when the STG bit is set or the RSTEMP bit is set Set when channel is commanded ON by SPI RSCTRL 0 Off 1 On LCID[0:3] 0000 0000 0000 Logical Channel ID Updated based on SPI read request 0000 RSU0 SLOT1 0001 RSU0 SLOT2 0010 RSU0 SLOT3 0100 RSU1 SLOT1 0101 RSU1 SLOT2 0110 RSU1 SLOT3 STG 0 0 0 Short to Ground (in current limit condition) Cleared by SSM_RESET or when channel is commanded OFF via SPI RSCTRL |