| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K Fiches technique(PDF) 33 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K Fiches technique(HTML) 33 Page - OSRAM GmbH |
|
33 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 32 Figure 27: Context Switching Registers Register Name Bank Addr Pos Description ACTIVE_CONTEXT N/A 2 [7:0] 0: Use context A 1: Use context B RW_CONTEXT N/A 3 [7:0] 0: Access context A 1: Access context B PARAM_HOLD 0 4 [0:0] Must be set to ‘1’ during the new context upload. See detailed procedure below DISABLE_FRAMESYNC 0 5 [0:0] Must be set to ‘0’ for on-the-fly context switching. The figure below shows how to upload a new context B and achieve a seamless context switch from context A to context B while acquiring frames (for example in streaming mode). Figure 28: Context Switch Procedure (1) DISABLE_FRAMESYNC must be set to ‘0’ first to guarantee uninterrupted frame acquisition (2) Then set RW_CONTEXT to the inactive context (B in this example) (3) Set PARAM_HOLD to ‘1’, followed by all modifications to context B registers. (4) The setting of the new ACTIVE_CONTEXT can be done at any time, while PARAM_HOLD is ‘1’ (5) When all uploads to context B are done, setting PARAM_HOLD back to ‘0’ will initiate a new frame using the exposure settings of context B, at the first frame time possible, while finishing the readout of the last frame with context A settings in parallel. Register Categories The registers are grouped into various categories, based on when they may or may not be updated. The category for every individual register can be found in section 8. The table below explains the details of the various categories. DISABLE_FRAMESYNC ACTIVE_CONTEXT Effective Frame exposure settings RW_CONTEXT B A B A A0 B1 A A0 A0 B1 Effective Frame readout settings A0 A0 A0 B1 A0 B1 B0 PARAM_HOLD MODIFICATIONS Context B register settings |