| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K Fiches technique(PDF) 9 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K Fiches technique(HTML) 9 Page - OSRAM GmbH |
|
9 / 114 page ![]() Document Feedback CSG14K_CSG8K Pin Assignment Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 8 Pin Number Pin Name Pin Type(1) Description U16, U15 DOUT_OB_B_N/P HSO Optical black data channel at bottom A16, A15 DOUT_OB_T_N/P HSO Optical black data channel at top T6, T5 DOUT_CTR_B_N/P HSO Control channel at bottom B6, B5 DOUT_CTR_T_N/P HSO Control channel at top T16, T15 DOUT_CLK_B_N/P HSO Clock channel at bottom B16, B15 DOUT_CLK_T_N/P HSO Clock channel at top S4, S3 - G connect to VSS33 C4, C3 - G connect to VSS33 P17, Q17, R17 - G connect to VSS33 O18, P18, Q18, M18, N18 REFA0..4 A Analog reference R18 VBGAP A Analog reference S18 BIAS_IDAC_RES A Analog reference, connect to bias resistor E17 VPIX1_L_OUT A Analog reference J17 VPIX1_H_OUT A Analog reference D17 VPIX2_L_OUT A Analog reference H17 VPIX2_H_OUT A Analog reference C17 VPIX4_L_OUT A Analog reference G17 VPIX4_H_OUT A Analog reference F17 VPIX3_H_OUT A Analog reference R3, R4 - NC Do not connect (1) Explanation of abbreviations: DI Digital Input DO Digital Output HSO High Speed Output A Analog reference G Ground S Supply NC Not Connected |