| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K Fiches technique(PDF) 64 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K Fiches technique(HTML) 64 Page - OSRAM GmbH |
|
64 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 63 Wait TIME Lines starting with the wait keyword indicate that a minimum time as specified by TIME has to be respected before moving on to the next instruction. These wait times are necessary for proper settling in the sensor. Ramp-Up VDD45 and VSSNEG Both VDD45 and VSSNEG must start at 0 V and ramp to their values as specified in chapter 5 and section 7.2.1, respecting the order and the timing described in the figure below. Figure 67: Ramp-Up VDD45 and VSSNEG Ramp-Down VSSNEG and VDD45 Attention A specific order and timing must be applied to these sensor supplies also when ramping down. To put the sensor back into hard reset state, VDD45 and VSSNEG must be ramped back to 0 V, respecting the order and the timing described in the figure below. VDD45 VSSNEG Tpu1 |