| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K Fiches technique(PDF) 60 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K Fiches technique(HTML) 60 Page - OSRAM GmbH |
|
60 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 59 Modes Description MUX.1 Use all 16 output channels (8 per side) MUX.2 Multiplex image data to 14 output channels (7 per side) MUX.3 Multiplex image data to 12 output channels (6 per side) MUX.4 Multiplex image data to 10 output channels (5 per side) MUX.5 Multiplex image data to 8 output channels (4 per side) MUX.6 Multiplex image data to 6 output channels (3 per side) MUX.7 Multiplex image data to 4 output channels (2 per side) MUX.8 Multiplex image data to 2 output channels (1 per side) Sensor Control Modes SEN.1 Full External SEN.2 Programmed External SEN.3 Triggered Internal SEN.4 Streaming OB Clamping Modes OBC.1 Optical black clamping ON OBC.2 Optical black clamping OFF 7.4.3 Flow Chart Using the flow chart below, all steps necessary to configure or reconfigure the sensor can be determined, as well as their correct and recommended order of execution. |