| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K Fiches technique(PDF) 62 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K Fiches technique(HTML) 62 Page - OSRAM GmbH |
|
62 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 61 Each step is elaborated in the next sections as a small recipe or procedure to follow. Where applicable, a reference to additional background information will be provided. The configuration is split in a static and a dynamic part. The static part must be executed once after every power-up or upon a static mode change. The dynamic part must be executed at least once after every power-up and is grouped in a context to allow changing the operation mode on the fly, as detailed in section 7.2.5. Subsequent steps cannot be skipped, e.g. GAIN mode can be changed without changing IMG mode, but not the other way around. Information Useful are the optional paths to return to either the soft or hard reset state, which can be taken to temporarily put the sensor in a lower consumption state without having to do a full power cycle. Attention Not following these recommendations can lead to the sensor being in an unknown state with unpredictable behavior. Attention A specific order and timing must be applied to the sensor supplies to guarantee a proper power-up sequence and to avoid peak currents. The overall power-up and reset release sequence is described in section 7.2.2. The sections below describe in more detail the exact parts of that sequence. Power-Up Sequence Figure 65: Power-Up Sequence All external supplies start at 0 V and must ramp to their respective values as specified in chapter 5 and section 7.2.1, respecting the order and the timing as shown in the Figure 65. VDD12* must ramp-up first, let stead and finally ramp-up VDD33* and VDDPIX together, in |