Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSG14K Fiches technique(PDF) 58 Page - OSRAM GmbH

No de pièce CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Fiches technique(HTML) 58 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 54Page - OSRAM GmbH CSG14K Datasheet HTML 55Page - OSRAM GmbH CSG14K Datasheet HTML 56Page - OSRAM GmbH CSG14K Datasheet HTML 57Page - OSRAM GmbH CSG14K Datasheet HTML 58Page - OSRAM GmbH CSG14K Datasheet HTML 59Page - OSRAM GmbH CSG14K Datasheet HTML 60Page - OSRAM GmbH CSG14K Datasheet HTML 61Page - OSRAM GmbH CSG14K Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 57
Figure 60:
Color and Monochrome Binning Modes
Figure 61 shows the active pixel readout area and corresponding output image properties in
case of default ROI settings. Although the physical ROI on the pixel array is identical to the
default 12-bit mode (IMG.4), the output image dimension is reduced by 50% in each
dimension due to the binning operation.
Figure 61:
Recommended ROI Selection and Resulting Output Image Format in IMG.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More