| Moteur de recherche de fiches techniques de composants électroniques |
|
CSG14K Fiches technique(PDF) 89 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
CSG14K Fiches technique(HTML) 89 Page - OSRAM GmbH |
|
89 / 114 page ![]() Document Feedback CSG14K_CSG8K Functional Description Datasheet • PUBLIC DS000571 • v2-01 • 2023-Feb-10 113 │ 88 7.6.3 Pixel Bit Order Figure 110: Output Bit Order Register Reg. Name Bank Addr Bits Description OUTP_BITORDER 0 10 [0] 0: Serial data is sent LSB first 1: Serial data is sent MSB first To accommodate different receiver systems, least or most significant bit of pixel data can be sent first (within the pixel word). This is independent from the chosen output format as it acts on the level of the pixel data. 7.7 Configuring the On-Chip Data Processing 7.7.1 Optical Black Clamping Figure 111: Optical Black Registers Reg. Name Bank Addr Bits Description EOB_TARGET 0 58-59 [12:0] Sets the target black level value in DN EOB_BYPASS 0 93 [0] 0: OBC on (recommended) 1: OBC off EOB_BYPASS_VALUE 0 94-95 [12:0] Sets the ideal black level at the ADC (when OBC off). This section explains how to set and correct the black levels. Black Level Mapping The black level at a certain point in the pixel data path on the sensor is the analog level or digital word that corresponds to the level of an ideal dark pixel (zero illumination). In practice, it is the average of all real dark pixels (optically shielded) at that point in the data path. The black level at the output of the ADC does not equal the desired black level in the output images for several reasons including the ADC architecture, fixed pattern and temporal noise (row noise, frame noise), dark current and so on. As illustrated in the figure below, the black level at the ADC output needs to be mapped on the target black level at the sensor output. |