Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSG14K Fiches technique(PDF) 113 Page - OSRAM GmbH

No de pièce CSG14K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K Fiches technique(HTML) 113 Page - OSRAM GmbH

Back Button CSG14K Datasheet HTML 106Page - OSRAM GmbH CSG14K Datasheet HTML 107Page - OSRAM GmbH CSG14K Datasheet HTML 108Page - OSRAM GmbH CSG14K Datasheet HTML 109Page - OSRAM GmbH CSG14K Datasheet HTML 110Page - OSRAM GmbH CSG14K Datasheet HTML 111Page - OSRAM GmbH CSG14K Datasheet HTML 112Page - OSRAM GmbH CSG14K Datasheet HTML 113Page - OSRAM GmbH CSG14K Datasheet HTML 114Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 113 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Revision Information
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 112
11
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams-OSRAM AG standard
warranty as given in the General Terms of Trade, but these products have
been superseded and should not be used for new designs
Changes from previous version to current revision v2-01
Page
Changes from v1-00 to v2-00
Added color parts, img 6 and 8 mode.
Datasheet updated with new timing settings, impacting fig 8 and fig 62. Common
uploads should be adjusted when using this version of the datasheet.
58
Flowchart: Allow power down sequence only from hard reset state
60
Binning mode corrected with 2 extra registers. + KSIZE table
82
Changes from v2-00 to v2-01
Datasheet updated with information for color version of the sensor
Corrected power-up sequence
25
Corrected values for image mode dependent parameters
58
Updated flow chart
60
Updated power-up sequence of power supplies
61
Updated power-down sequence of power supplies
62
Corrected parameters from Figure 73
66
Changed example
67
Added layout of color filter
105
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current
revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More